Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1ML Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S1ML
Description  1.0 AMP. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1ML Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S1ML Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1ML Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 481 -
RATINGS AND CHARACTERISTIC CURVES (S1AL THRU S1ML)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.01
0.05
0.5
5
50
100
0.02
0.2
2
1.0
10
20
FORWARD VOLTAGE. (V)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
5
2
1
10
50
20
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single
Half Sine Wave
Tj=Tj max
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.01
1.0
10
100
10
2
5
20
100
50
1
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
160
0
0.4
1.2
0.2
0.6
0.8
1.0
LEAD TEMPERATURE. ( C)
o
.20IN (5.0mm ) x 0.5mil
inches(0.013mm)
Thick Copper Pad Areas
2
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com