Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3228 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3228
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3228 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3228 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
FTC3228
2011. 10. 31
1/1
Revision No : 0
TO – 92L
1. EMITTER
2. COLLECTOR
3. BASE
FTC3228
TRANSISTOR (NPN)
FEATURES
High Voltage
Large Collector Current Capability
Complementary to FTA1275
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 1mA,IE=0
160
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=150V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=6V,IC=0
1
μA
DC current gain
hFE
VCE=5V, IC=200mA
60
320
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
1.5
V
Base-emitter voltage
VBE
VCE=5V, IC=5mA
0.45
0.75
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
20
pF
Transition frequency
fT
VCE=5V,IC=200mA
20
MHz
CLASSIFICATION OF hFE
Y
O
R
K
N
A
R
RANGE
0
2
3
-
0
6
1
0
0
2
-
0
0
1
0
2
1
-
0
6
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
6
1
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
6
1
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
6
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
1
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
m
0
5
7
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
167
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃


Similar Part No. - FTC3228

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3227 FS-FTC3227 Datasheet
106Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - FTC3228

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com