Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3265 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3265
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3265 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3265 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3265 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3265 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
SOT– 23
2
EMITTER
3
COLLECTOR
1
BASE
2014. 01. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC3265
Revision No : 0
1
3
2
LOW FREQUENCY POWER AMPLIFIER APPLICATION.
POWER SWITCHING APPLICATION.
FEATURES
High DC Current Gain : hFE=100~320.
Low Saturation Voltage
: VCE(sat)=0.4V(Max.) (IC=500mA, IB=20mA).
Suitable for Driver Stage of Small Motor.
Complementary to FTA1298.
Small Package.
MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
V CBO
35
V
Collector-Emitter Voltage
V CEO
30
V
Emitter-Base Voltage
V EBO
5
V
Collector Current
IC
800
mA
Base Current
IB
160
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
V CB=30V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
V EB=5V, IC=0
-
-
100
nA
Collector-Emitter Breakdown Voltage
V (BR)CEO
V EB=10mA, IB =0
30
-
-
V
Emitter-Base Breakdown Voltage
V (BR)EBO
IE=1mA, I C =0
5
-
-
V
DC Current Gain
hFE(1) (Note) V CE=1V, I C =100mA
100
-
320
hFE(2)
V CE=1V, IC=800mA
40
-
-
Collector-Emitter Saturation Voltage
V CE(sat)
IC=500mA, IB =20mA
-
-
0.5
V
Base-Emitter Voltage
V BE
V CE=1V, I C =10mA
0.5
-
0.8
V
Transition Frequency
fT
V CE=5V, I C =10mA, f=100MHz
-
120
-
MHz
Collector Output Capacitance
Cob
V CB=10V, IE =0, f=1MHz
-
13
-
pF
hFE(1) classifications、Marking:
hFE(1) Classifications
O
Y
hFE(1) Range
100~200
160~320
Marking
HK1O
HK1Y


Similar Part No. - FTC3265

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3200 FS-FTC3200 Datasheet
296Kb / 2P
LOW NOISE AUDIO AMPLIFIER APPLICATION
FTC3202 FS-FTC3202 Datasheet
190Kb / 2P
General Purpose Transistor
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
FTC3227 FS-FTC3227 Datasheet
106Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - FTC3265

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com