Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3265Y Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3265Y
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3265Y Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3265Y Datasheet HTML 1Page - First Silicon Co., Ltd FTC3265Y Datasheet HTML 2Page - First Silicon Co., Ltd FTC3265Y Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTC3265
2014. 01. 18
2/3
Revision No : 0
0
0
AMBIENT TEMPERATURE Ta (℃)
C
P
- Ta
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
1k
1k
300
3
1
COLLECTOR CURRENT I
(mA)
C
h
- I
0.01
1k
300
3
1
COLLECTOR CURRENT I
(mA)
C
V
- I
I - V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
2
4
6
8
10
200
400
600
800
1k
COMMON EMITTER
Ta=25℃
6
5
4
3
2
I =1mA
0
B
FE
C
100
30
10
10
30
50
100
300
500
COMMON EMITTER
V
=1V
CE
Ta=100℃
Ta=25℃
Ta=-25℃
10
30
100
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I
/I
=25
C
B
Ta=1
00℃
Ta=25℃
Ta=-25℃
0.2
0.4
0.6
0.8
1.0
200
400
600
800
COMMON EMITTER
V
=1V
CE
40
80
120
160
40
80
120
160
200
240
CE(sat)
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com