Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3876 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3876
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3876 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3876 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3876 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3876 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
NPN Silicon
SOT– 23
2
EMITTER
3
COLLECTOR
1
BASE
• We declare that the material of product compliance with RoHS requirements.
2014. 01. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC3876
Revision No : 0
1
3
2
Purpose: General amplifier and switching application.
Features: Excellent hFE linearity, complementary pair with FTA1505.
Absolute maximum ratings(Ta=25℃)
Symbol
Rating
Unit
V
CBO
35
V
V
CEO
30
V
V
EBO
5.0
V
I
C
500
mA
I
B
50
mA
P
C
150
mW
T
j
150
℃
T
stg
-55~150
℃
Electrical characteristics(Ta=25℃)
Rating
Symbol
Test condition
Min
Typ
Max
Unit
I
CBO
V
CB=35V
I
E=0
0.1
μA
I
EBO
V
EB=5.0V
I
C=0
0.1
μA
h
FE(1)
V
CE=1.0V
I
C=100mA
70
400
h
FE(2)
V
CE=6.0V
I
C=400mA
25
V
CE(sat)
I
C=100mA
I
B=10mA
0.1
0.25
V
V
BE
V
CE=1.0V
I
C=100mA
0.8
1.0
V
f
T
V
CE=6.0V
I
C=20mA
300
MHz
C
ob
V
CB=6.0V
I
E=0
f=1.0MHz
7.0
pF
hFE(1) classifications、Marking:
hFE(1) Classifications
O
Y
GR
hFE(1) Range
70~140
120~240
200~400
Marking
HWO
HWY
HWG


Similar Part No. - FTC3876

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3875 FS-FTC3875 Datasheet
107Kb / 3P
GENERAL PURPOSE APPLICATION.
More results

Similar Description - FTC3876

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com