Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3880 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3880
Description  High frequency low noise amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3880 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3880 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3880 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3880 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COLLECTOR
3
1
BASE
2
EMITTER
SEMICONDUCTOR
TECHNICAL DATA
FTC3880
2013. 06. 25
1/3
Revision No : 1
SOT–23
1
3
2
Purpose: High frequency low noise amplifier.
Features: Small reverse transfer capacitance, low noise figure.
Absolute maximum ratings(Ta=25℃)
Symbol
Rating
Unit
V
CBO
40
V
V
CEO
30
V
V
EBO
4.0
V
I
C
20
mA
I
E
-20
mA
P
C
150
mW
T
j
150
℃
T
stg
-55~150
℃
Electrical characteristics(Ta=25℃)
Rating
Symbol
Test condition
Min
Typ
Max
Unit
I
CBO
V
CB=18V
I
E=0
0.5
μA
I
EBO
V
EB=4.0V
I
C=0
0.5
μA
h
FE
V
CE=6.0V
I
C=1.0mA
40
200
C
re
V
CE=6.0V
f=1.0MHz
0.7
pF
f
T
V
CE=6.0V
I
C=1.0mA
550
MHz
C
C.rbb
V
CE=6.0V
I
E=1.0mA
f=30MHz
30
pS
NF
V
CE=6.0V
I
C=0.1mA
f=100MHz
2.5
5.0
dB
G
pe
V
CE=6.0V
I
C=0.1mA
f=100MHz
15
18
dB
hFE classifications:
hFE Classifications
R
O
Y
hFE Range
40~80
70~140
100~200
Marking
HAQR
HAQO
HAQY


Similar Part No. - FTC3880

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3834 FS-FTC3834 Datasheet
375Kb / 3P
SILICON NPN TRANSISTOR
FTC3835 FS-FTC3835 Datasheet
1Mb / 3P
SILICON NPN TRANSISTOR
FTC3837 FS-FTC3837 Datasheet
124Kb / 3P
High-FrequencyAmplifier Transistor
FTC3838 FS-FTC3838 Datasheet
100Kb / 2P
High-FrequencyAmplifier Transistor
FTC3875 FS-FTC3875 Datasheet
107Kb / 3P
GENERAL PURPOSE APPLICATION.
More results

Similar Description - FTC3880

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
High-Frequency Low-Noise Amplifier
MCH4017 SANYO-MCH4017 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifier
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com