Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4081-R Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC4081-R
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4081-R Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC4081-R Datasheet HTML 1Page - First Silicon Co., Ltd FTC4081-R Datasheet HTML 2Page - First Silicon Co., Ltd FTC4081-R Datasheet HTML 3Page - First Silicon Co., Ltd FTC4081-R Datasheet HTML 4Page - First Silicon Co., Ltd FTC4081-R Datasheet HTML 5Page - First Silicon Co., Ltd FTC4081-R Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted.)
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
it
s
i
r
e
t
c
a
r
a
h
C
Unit
Collector–Emitter Breakdown Voltage
V (BR)CEO
50
—
—
V
(IC = 1 mA)
Emitter–Base Breakdown Voltage
V (BR)EBO
7
—
—
V
(IE = 50 µA)
Collector–Base Breakdown Voltage
V (BR)CBO
60
—
—
V
(IC = 50 µA)
Collector Cutoff Current
I CBO
—
—
0.1
µA
(VCB = 60 V)
Emitter cutoff current
I EBO
—
—
0.1
µA
(VEB = 7 V)
Collector-emitter saturation voltage
V CE(sat)
—
—
0.4
V
(IC/ IB = 50 mA / 5m A)
h
o
it
a
r
r
e
f
s
n
a
rt
t
n
e
r
r
u
c
C
D
FE
120
––
560
––
(V CE = 6 V, I C= 1mA)
Transition frequency
f T
—
180
––
MHz
(V CE = 12 V, I E= – 2mA, f =30MHz )
Output capacitance
C ob
—
2.0
3.5
pF
(V CB = 12 V, I E= 0A, f =1MHz )
2008. 4. 20
2/5
FTC4081
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com