Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB310 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SB310
Description  Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SB310 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SB310 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SB310 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 670 -
SB305 THRU SB3100
Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
UL Recognized File # E-96005
High surge current capability
Low forward voltage drop
High temperature soldering guaranteed:
260
℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
SB-3
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SB
305
SB
310
SB
320
SB
340
SB
360
SB
380
SB
3100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 50
℃
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
R
θJC
10
℃/W
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note: Thermal Resistance from Junction to Case per Leg.


Similar Part No. - SB310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SB310 ETC1-SB310 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Gaomi Xinghe Electronic...
SB310 GXELECTRONICS-SB310 Datasheet
400Kb / 2P
Single Phase 3.0 AMPS. Silicon Brid ge Rectifiers
logo
Gulf Semiconductor
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Pan Jit International I...
SB3100 PANJIT-SB3100 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
More results

Similar Description - SB310

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC300 JGD-KBPC300 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
KBPC300G JGD-KBPC300G Datasheet
121Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SB305G TSC-SB305G Datasheet
56Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_1 Datasheet
215Kb / 2P
Single Phase 3.0 AMPS Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_08 Datasheet
163Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB TSC-UR3KB Datasheet
140Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
BR3005 YANGJIE-BR3005 Datasheet
245Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60 Datasheet
583Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com