Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F640C3 Datasheet(PDF) 11 Page - Intel Corporation

Part # 28F640C3
Description  3 Volt Intel Advanced Boot Block Flash Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F640C3 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 28F640C3 Datasheet HTML 7Page - Intel Corporation 28F640C3 Datasheet HTML 8Page - Intel Corporation 28F640C3 Datasheet HTML 9Page - Intel Corporation 28F640C3 Datasheet HTML 10Page - Intel Corporation 28F640C3 Datasheet HTML 11Page - Intel Corporation 28F640C3 Datasheet HTML 12Page - Intel Corporation 28F640C3 Datasheet HTML 13Page - Intel Corporation 28F640C3 Datasheet HTML 14Page - Intel Corporation 28F640C3 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
28F800C3, 28F160C3, 28F320C3, 28F640C3 Specification Udpate
11
Errata
4) Wait 2 ms after a VPP transition to access the flash device, as shown here.
Status:
This erratum affects all 0.18µ m 28F320C3 devices. Root cause has been identified and this erratum
may be fixed in a future stepping of the product.
3.
28F640C3xC Maximum ICCS and ICCD Change
Problem:
On the 0.18µm 28F640C3xC devices, the maximum ICCS and ICCD deviates from the published
specification and increases from 15 µA to 20 µA. The following table shows the revised ICCS and
ICCD specifications.
Implication:
The increased current requirements may result in a nominal increase in power drawn from the
power supply.
Workaround:
None
Status:
This erratum affects all 0.18µ m 28F640C3xC devices. Root cause has been identified and this
erratum may be fixed in a future stepping of the product.
V
PP
CE#
WE#
2ms
2ms
Sym
Parameter
VCC
2.7V –3.6V
Unit
Test Conditions
VCCQ
2.7V –3.6V
Note
Type
Max
ICCS
VCC Standby Current
1,7
7
20
µA
VCC =VCCMax
CE# = RP# = VCCQ
or during Program/ Erase
Suspend
WP# = VCCQ or GND
ICCD
VCC Deep Power-Down
Current
1,7
7
20
µA
VCC =VCCMax
VCCQ =VCCQMax
VIN =VCCQ or GND
RP#= GND ± 0.2V
NOTE:
1. All currents are in RMS unless otherwise noted. Typical values at nominal VCC,TA =+25 °C.
2. The test conditions VCCMax, VCCQMax, VCCMin, and VCCQMin refer to the maximum or minimum VCC or
VCCQ voltage listed at the top of each column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com