Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD140P Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD140P
Description  1.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD140P Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD140P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD140P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-49-
RATINGS AND CHARACTERISTIC CURVES (SD120P THRU
)
SD1100P
FIG.1- FORWARD DERATING CURVE
AMBIENT TEMPERATURE. ( C)
o
1.2
1.0
.8
.6
.4
0
50
75
100
125
150
175
FIG.3- TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE. (V)
0
.01
.8
1.0
1.4
.1
1
2
20
1.2
.6
.4
.02
.04
.06
.2
.4
.6
4
6
10
.2
0
FIG.2- JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
60
40
20
10
6
4
1
0.1
1.0
10
40
100 200
1000
2
0
0.5
20
400
FIG.4- PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
10
1
4
10
40
100
20
30
40
50
0
80
20
60
8
2
Tj=25 C
O
Single PhaseHalf Wave 60Hz
Resistive of Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com