Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1719561 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1719561
Description  Printed-circuit board connector - FKC 2,5/ 6-STF-5,08 BD:1-6
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1719561 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1719561 Datasheet HTML 1Page - PHOENIX CONTACT 1719561 Datasheet HTML 2Page - PHOENIX CONTACT 1719561 Datasheet HTML 3Page - PHOENIX CONTACT 1719561 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1719561
10/22/2014   Page 1 / 4
Printed-circuit board connector - FKC 2,5/ 6-STF-5,08 BD:1-6 - 1719561
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Number of positions: 6, Pitch: 5.08 mm, Connection method: Spring-
cage connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
11.84 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
25.4 mm
General
Range of articles
FKC 2,5/..-STF
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Stripping length
10 mm
Number of positions
6
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12


Similar Part No. - 1719561

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1719560000 WEIDMULLER-1719560000 Datasheet
742Kb / 22P
Cable glands
More results

Similar Description - 1719561

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1726693 PHOENIX-1726693 Datasheet
96Kb / 5P
Printed-circuit board connector - MSTBC 2,5/ 6-STZF-5,08 BD:1-6
1719558 PHOENIX-1719558 Datasheet
57Kb / 4P
Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 BD:1-3
1719574 PHOENIX-1719574 Datasheet
57Kb / 4P
Printed-circuit board connector - FKC 2,5/ 8-STF-5,08 BD:1-8
1726732 PHOENIX-1726732 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBC 2,5/ 6-STZ-5,08 BD:1-6
1745027 PHOENIX-1745027 Datasheet
57Kb / 4P
Printed-circuit board connector - FKC 2,5/ 2-STF-5,08 BD:1,2
1796034 PHOENIX-1796034 Datasheet
68Kb / 3P
Printed-circuit board connector - FKC 2,5/ 6-STF-5,08EX
1910568 PHOENIX-1910568 Datasheet
82Kb / 5P
Printed-circuit board connector - FKC 2,5/ 6-STF
1918272 PHOENIX-1918272 Datasheet
50Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 6-ST-5,08 BD:1-6
1942523 PHOENIX-1942523 Datasheet
163Kb / 12P
Printed-circuit board connector - FKC 2,5 HC/ 6-STF-5,08
09/12/2020
1962817 PHOENIX-1962817 Datasheet
204Kb / 10P
Printed-circuit board connector - FKC 2,5/ 3-ST-5,08 BD:4-6
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com