Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4374 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4374
Description  Complementary to FTA1662
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4374 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4374 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Complementary to FTA1662
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.4
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE
V
0
8
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB
V
0
8
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC
V
5
0
=
Collector cut-off current
ICBO
VCB=-80V,IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=-5V,IC
1
.
0
0
=
μA
hFE(1)
VCE=-2V,IC=-50mA
70
240
DC current gain
hFE(2)
VCE=-2V,IC=-200mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-200mA,IB=-20mA
0.4
V
Base-emitter voltage
VBE
VCE=-2V,IC=-5mA
0.55
0.8
V
Transition frequency
fT
VCE=-10V,IC=-10mA
100
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
10
pF
CLASSIFICATION OF
hFE(1)
Rank
Y
O
Range
0
4
2
-
0
2
1
0
4
1
-
0
7
Y
E
EO
g
n
i
k
r
a
M
SEMICONDUCTOR
TECHNICAL DATA
FTC4374
2011. 08. 11
1/1
Revision No : 0
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - FTC4374

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4370A FS-FTC4370A Datasheet
238Kb / 3P
TRANSISTOR (NPN)
FTC4373 FS-FTC4373 Datasheet
105Kb / 1P
NPN Transistor
FTC4373O FS-FTC4373O Datasheet
105Kb / 1P
NPN Transistor
FTC4373Y FS-FTC4373Y Datasheet
105Kb / 1P
NPN Transistor
FTC4375 FS-FTC4375 Datasheet
91Kb / 2P
SOT-89 NPN Transistor
More results

Similar Description - FTC4374

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
KTA1504 MAKOSEMI-KTA1504 Datasheet
139Kb / 2P
Complementary To KTC3875.
C945 MAKOSEMI-C945 Datasheet
99Kb / 2P
Complementary to A733
2SA1662 MAKOSEMI-2SA1662 Datasheet
88Kb / 2P
Complementary to KTC4374
logo
Toshiba Semiconductor
2SB1688 TOSHIBA-2SB1688 Datasheet
32Kb / 4P
complementary to 2sc5174
2SA1932 TOSHIBA-2SA1932 Datasheet
198Kb / 4P
complementary to 2sc5174
logo
First Silicon Co., Ltd
FTA1662 FS-FTA1662 Datasheet
108Kb / 2P
Complementary to FTC4374
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com