Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4375 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4375
Description  SOT-89 NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4375 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4375 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4375 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
SOT-89 NPN Transistor
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE
V
0
3
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB
V
0
3
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC
V
5
0
=
Collector cut-off current
ICBO
VCB=30V,IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=5V,IC
1
.
0
0
=
μA
DC current gain
hFE
VCE=2V,IC
0
2
3
0
0
1
A
5
.
0
=
Collector-emitter saturation voltage
VCE(sat)
IC=1.5A,IB
V
2
A
m
0
3
=
Base-emitter voltage
VBE
VCE=2V,IC
V
1
A
5
.
0
=
Transition frequency
fT
VCE=2V,IC
z
H
M
0
2
1
A
m
0
0
5
=
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
40
pF
CLASSIFICATION OF
hFE(1)
Rank
Y
O
Range
0
2
3
-
0
6
1
0
0
2
-
0
0
1
Marking
Y
G
O
G
SEMICONDUCTOR
TECHNICAL DATA
FTC4375
2009. 11. 18
1/2
Revision No : 0
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - FTC4375

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4370A FS-FTC4370A Datasheet
238Kb / 3P
TRANSISTOR (NPN)
FTC4373 FS-FTC4373 Datasheet
105Kb / 1P
NPN Transistor
FTC4373O FS-FTC4373O Datasheet
105Kb / 1P
NPN Transistor
FTC4373Y FS-FTC4373Y Datasheet
105Kb / 1P
NPN Transistor
FTC4374 FS-FTC4374 Datasheet
91Kb / 1P
Complementary to FTA1662
More results

Similar Description - FTC4375

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC1623T FOSHAN-2SC1623T Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SC2881A FOSHAN-2SC2881A Datasheet
881Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SD1119 FOSHAN-2SD1119 Datasheet
755Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SD2098 FOSHAN-2SD2098 Datasheet
924Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
KTC4379 FOSHAN-KTC4379 Datasheet
910Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
KTC3205T FOSHAN-KTC3205T Datasheet
879Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
KTD1624 FOSHAN-KTD1624 Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
logo
Shenzhen Luguang Electr...
2SB1132 LUGUANG-2SB1132 Datasheet
1Mb / 4P
SOT-89 Transistor(PNP)
2SC2383 LUGUANG-2SC2383 Datasheet
1Mb / 3P
SOT-89 NPN Medium Power Transistor
Revision:20211206-P1
2SD882 LUGUANG-2SD882 Datasheet
1Mb / 3P
SOT-89 NPN Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com