Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4377B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4377B
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4377B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4377B Datasheet HTML 1Page - First Silicon Co., Ltd FTC4377B Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012.03.26
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTC4377
MAXIMUM RATINGS (Ta=25℃unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER
FTC4377
TRANSISTOR (NPN)
FEATURES
Low voltage
Low Vce(sat) : 0.5V Max (Ic=2A, I =0.05A)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE
V
0
3
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB
V
0
1
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC
V
6
0
=
Collector cut-off current
ICBO
VCB=30V,IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=6V,IC
1
.
0
0
=
μA
hFE(1)
VCE=1V,IC
0
0
6
0
4
1
A
5
.
0
=
DC current gain
hFE(2)
VCE=1V,IC
0
7
A
2
=
Collector-emitter saturation voltage
VCE(sat)
IC=2A,I
B
V
5
.
0
A
m
0
5
=
Base-emitter voltage
VBE
VCE=1V,IC
V
5
.
1
A
2
=
Transition frequency
fT
VCE=1V,IC
z
H
M
0
5
1
A
5
.
0
=
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
27
pF
CLASSIFICATION OF hFE(1)
Rank
D
C
B
A
Range
140-240
200-330
300-450
420-600
Marking
SA
SB
SC
SD
B


Similar Part No. - FTC4377B

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4370A FS-FTC4370A Datasheet
238Kb / 3P
TRANSISTOR (NPN)
FTC4373 FS-FTC4373 Datasheet
105Kb / 1P
NPN Transistor
FTC4373O FS-FTC4373O Datasheet
105Kb / 1P
NPN Transistor
FTC4373Y FS-FTC4373Y Datasheet
105Kb / 1P
NPN Transistor
FTC4374 FS-FTC4374 Datasheet
91Kb / 1P
Complementary to FTA1662
More results

Similar Description - FTC4377B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com