Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC8050HH Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC8050HH
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC8050HH Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC8050HH Datasheet HTML 1Page - First Silicon Co., Ltd FTC8050HH Datasheet HTML 2Page - First Silicon Co., Ltd FTC8050HH Datasheet HTML 3Page - First Silicon Co., Ltd FTC8050HH Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
–
V
(IC=2.0mA,I =0)
Emitter-Base Breakdown Voltage
V(BR)EBO
6
–
V
(IE=100
,I =0
µΑ
)
Collector-Base Breakdown Voltage
V(BR)CBO
50
–
V
(IC=100
,I =0
µΑ
)
Collector Cutoff Current (VCB=35V,I =0)
ICBO
–
–
100
Emitter Cutoff Current (VEB=6V,I =0)
IEBO
–
–
100
DC Current Gain
IC=100mA,VCE
h
V
1
=
FE
160
-
320
Collector-Emitter Saturation Voltage
(IC=800mA IB=80mA)
VCE(S)
-
-
0.5
V
B
C
E
E
C
DC Current Gain
IC=800mA,VCE
h
V
1
=
FE
40
-
-
Base-Emitter Voltage (VCE=1V,I =10mA)
VBE
–
0.66
1
V
C
(TA=25°C unless otherwise noted)
nA
nA
–
Max
–
–
2019. 02. 07
2/4
Revision No : 0
FTC8050HH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com