Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC9014 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC9014
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC9014 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC9014 Datasheet HTML 1Page - First Silicon Co., Ltd FTC9014 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2011.12. 01
2/2
FTC9014
Revision No : 0
0
5
10
15
20
25
30
35
40
45
50
0
0
1
0
1
1
1
.
0
100
1000
0
0
1
0
1
1
1
.
0
0
200
400
600
800
1000
1200
0
1
1
1
.
0
0.1
1
10
0
25
50
75
100
125
0
100
200
300
400
500
0
1
1
1
10
100
1000
0
0
1
0
1
1
10
100
1000
0
0
1
0
1
1
1
.
0
10
100
1000
8
7
5
4
3
2
6
1
0
18uA
16.2uA
14.4uA
12.6uA
108uA
9uA
7.2uA
5.4uA
3.6uA
I
B=1.8uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
V
BE
——
Ta=100℃
Ta=25℃
VCE=5V
5000
COLLCETOR CURRENT I
C
(mA)
Ta=25℃
Ta=100℃
β=20
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
f=1MHz
I
E=0/ IC=0
Ta=25
oC
C
b
C
ib
20
V
CB/ VEB
C
ob/ Cib
——
REVERSE VOLTAGE V (V)
50
AMBIENT TEMPERATURE Ta ( )
℃
Pc —— Ta
I
C
fT ——
VCE=5V
Ta=25
oC
I
C
COLLECTOR CURRENT I
C
(mA)
60
200
0.4
Ta=100
oC
Ta=25
oC
V
CE=5V
I
C
h
FE
——
COLLECTOR CURRENT I
C
(mA)
Ta=25℃
Ta=100℃
β=20
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com