Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC9015 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC9015
Description  TRANSISTOR (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC9015 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC9015 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
2011.12. 01
1/1
SEMICONDUCTOR
TECHNICAL D ATA
FTC9015
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. BASE
3. COLLECTOR
FTC9015
TRANSISTOR (PNP)
FEATURES
High Total Power Dissipation.(Pc=0.45W)
High hFE and Good Linearity
Complementary to FTC9014
CLASSIFICATION OF
hFE(1)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.1
A
PC
Collector Power Dissipation
0.45
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -100
μA, I
E=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA, IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100
μA, I
C=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-0.05
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.05
μA
DC current gain
hFE
VCE=-5V, IC= -1mA
60
1000
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-10mA
-1
V
Transition frequency
fT
VCE=-5V,
IC= -10mA
f=30MHz
100
MHz
Rank
A
B
C
D
Range
60-150
100-300
200-600
400-1000


Similar Part No. - FTC9015

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC9012 FS-FTC9012 Datasheet
360Kb / 2P
TRANSISTOR (PNP)
FTC9012S FS-FTC9012S Datasheet
102Kb / 2P
General Purpose Transistors
FTC9012SP FS-FTC9012SP Datasheet
102Kb / 2P
General Purpose Transistors
FTC9012SQ FS-FTC9012SQ Datasheet
102Kb / 2P
General Purpose Transistors
FTC9012SR FS-FTC9012SR Datasheet
102Kb / 2P
General Purpose Transistors
More results

Similar Description - FTC9015

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com