Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD882 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD882
Description  AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD882 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD882 Datasheet HTML 1Page - First Silicon Co., Ltd FTD882 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
CE
16
12
0
2
8
4
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
I - V
C
COLLECTOR CURRENT I
(mA)
C
FE
h - IC
COLLECTOR CURRENT I
(mA)
C
CE(sat)
V
,V
- I C
0.4
0.8
1.2
1.6
2.0
1
5
10
30
50
100
300
0.01
1K
3
500
10
3
C
0.3
0.1
1
COLLECTOR CURRENT I (A)
C
f - I
T
I =1mA
B
I =2mA
B
I =3mA
B
I =4mA
B
I =5mA
B
B
I =6mA
B
I =7mA
I =8mA
B
I =9mA
B
I =10mA
B
1
1
5
10
50
30
100
300
500
1K
3 5 10
30 50 100 300
1K
3K
V =2V
CE
1K
10
1
3
100
500
300
1K
5
30
50
100
30
300
3K
BE(sat)
I /I =10
C B
V (sat)
CE
V (sat)
BE
0.03
V =5V
CE
1
1
3
10
5
100
50
30
COLLECTOR-BASE VOLTAGE V
(V)
10
30
100
300
I =0
3K
1K
CB
E
1K
300
500
C - V
ob
CB
f=1MHz
5K
3
3
1
10
3
3
5
1
COLLECTOR-EMITTER VOLTAGE V
(V)
3
10
30
CE
SAFE OPERATING AREA
1
0.5
0.3
0.1
0.05
0.03
0.01
10
100
300
1K
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I MAX
(PULSED)
C
I MAX
(CONTINUOUS)
C
DC
OPERATION
10mS
2008. 5. 20
2/2
FTD882
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com