Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS1604G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1604G
Description  16.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1604G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFS1604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 282 -
SFS1601G THRU SFS1608G
16.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .16”,(4.06mm) from
case.
Weight: 1.70 grams
D
2PAK
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFS
1601G
SFS
1602G
SFS
1603G
SFS
1604G
SFS
1605G
SFS
1606G
SFS
1607G
SFS
1608G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified
Current @TC = 100
℃
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
℃
IR
10
400
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
80
60
pF
Typical Thermal Resistance (Note 3)
R
θJC
2.5
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from Junction to Case.


Similar Part No. - SFS1604G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1604G TSC-SFS1604G Datasheet
168Kb / 2P
16.0 AMPS. Surface Mount Super Fast Rectifiers
SFS1604G TSC-SFS1604G Datasheet
143Kb / 2P
16.0AMPS. Surface Mount Super Fast Rectifiers
SFS1604G TSC-SFS1604G Datasheet
393Kb / 4P
Surface Mount Super Fast Rectifiers
SFS1604GH TSC-SFS1604GH Datasheet
590Kb / 6P
16A, 50V - 600V Super Fast Surface Mount Rectifier
More results

Similar Description - SFS1604G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT Datasheet
347Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_1 Datasheet
112Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G_1 Datasheet
263Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_1 Datasheet
269Kb / 2P
Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_1 Datasheet
331Kb / 2P
Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_10 Datasheet
610Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_10 Datasheet
625Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com