Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD32C
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD32C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD32C Datasheet HTML 1Page - First Silicon Co., Ltd MJD32C Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012.08. 28
2/2
MJD32C
Revision No : 0
Typical Characteristics
0
1
-
1
-
1
.
0
-
10
100
1000
0
100
200
300
400
500
0
3
6
9
12
15
-1
-10
-100
-1000
0
50
100
150
200
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-1
-10
-100
-1000
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-1000
-0
-100
-200
-300
-400
-500
-600
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
-1000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
-20
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——
-3000
V
CE= -4V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
-3000
-3000
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=8
I
C
V
BEsat ——
-3000
T
a=25
℃
T
a=100
℃
β=8
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-100mA
-90mA
-80mA
-70mA
-60mA
-50mA
-40mA
-30mA
-20mA
I
B=-10mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
VCE=-4V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
I
C
——
V
BE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com