Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD42C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD42C
Description  TRANSISTOR (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD42C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD42C Datasheet HTML 1Page - First Silicon Co., Ltd MJD42C Datasheet HTML 2Page - First Silicon Co., Ltd MJD42C Datasheet HTML 3Page - First Silicon Co., Ltd MJD42C Datasheet HTML 4Page - First Silicon Co., Ltd MJD42C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Typical Characteristics
-100
0
4
8
12
16
20
-0.1
-1
-10
-100
-1000
-0
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1000
-10
-100
-1000
-1
-10
-100
-1000
10
100
1000
-0
-200
-400
-600
-800
-1000
-1200
-0.1
-1
-10
-100
-1000
-0
-1
-2
-3
-4
-5
-6
-0
-50
-100
-150
-200
-250
-300
-350
-400
-600
-20
-6000
I
C
f
T
——
COMMON EMITTER
V
CE=-10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-6000
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
-3000
-6000
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-0.5
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -4V
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
—— V
BE
COMMON EMITTER
V
CE=-4V
Static Characteristic
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-4mA
-3 6mA
-3 2mA
-2 8mA
-2.4mA
-2mA
-0.8mA
-1.2mA
-1.6mA
I
B=-0.4mA
2020. 02. 18
2/5
Revision No : 1
MJD42C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com