Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGL36070T Datasheet(PDF) 2 Page - Schneider Electric

Part # HGL36070T
Description  Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 18kA, interchangable trip unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HGL36070T Datasheet(HTML) 2 Page - Schneider Electric

  HGL36070T Datasheet HTML 1Page - Schneider Electric HGL36070T Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
UL Listed
IEC
CE
CCC
CSA
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01115-HG,HJ,JG,JJ UNIT MT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
00785901267898
Package weight(Lbs)
4.00 lb(US) (1.814 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com