Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS651 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MPS651
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPS651 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MPS651 Datasheet HTML 1Page - First Silicon Co., Ltd MPS651 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPS651
2013. 08. 09
2/2
Revision No : 0
3
100
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C - V
1
COLLECTOR CURRENT I
(mA)
C
h
- I
f - I
C
COLLECTOR CURRENT I
(mA)
1
3
10
100
10
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
0.01
300
100
10
5
COLLECTOR CURRENT I
(mA)
C
V
- I
2
4
6
8
10
12
200
400
600
800
1k
4mA
3mA
2mA
1mA
I =0mA
B
B
I =0mA
2mA
4mA
20mA
1k
800
600
400
200
1.2
1.0
0.8
0.6
0.4
0.2
I - V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
6mA
10mA
FE
C
3
10
30
100
300
1k
3k
10
30
50
100
300
500
1k
COMMON EMITTER
Ta=25℃
V
=2V
CE
ob
CB
3
5
10
30
50
100
5
10
30
50
COMMON EMITTER
f=1MHz
Ta=25℃
T
C
300
30
30
50
100
300
COMMON EMITTER
Ta=25℃
V
=10V
CE
CE(sat)
C
1k
3k
30
0.03
0.05
0.1
0.3
0.5
1
3
5
COMMON EMITTER
Ta=25℃
I /I
=10
C
B
0
0
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0.5
1
3
10
0.01
30
100
5
50
0.005
0.03
0.05
0.1
0.3
0.5
1
3
5
I CP
C
I
MAX.
DC
OPERATIO
N
1sec
20
40
60
80
100
120
140
160
200
400
600
800
1k
1.2k
1PULSE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com