Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS8550
Description  Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS8550 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS8550 Datasheet HTML 1Page - First Silicon Co., Ltd SS8550 Datasheet HTML 2Page - First Silicon Co., Ltd SS8550 Datasheet HTML 3Page - First Silicon Co., Ltd SS8550 Datasheet HTML 4Page - First Silicon Co., Ltd SS8550 Datasheet HTML 5Page - First Silicon Co., Ltd SS8550 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TRANSISTOR (
)
1. EMITTER
2. BASE
3. COLLECTOR
Collector-Base Voltage
-40
V
Collector-Emitter Voltage
V
Emitter-Base Voltage
-5
V
Collector Current -Continuous
-1.5
A
Collector Power Dissipation
mW
Operation Junction and Storage Temperature Range
TJ,
-55
Thermal Resist ance rom Junction o Ambient
/
W
S
S
-25
Equivalent Circuit
TO-92
Bulk
1000pcs/Bag
Tape
2000pcs/Box
TO-92 Plastic-Encapsulate Transistors
SS8550= Device code
Solid dot= Green molding compound device,
if none, the normal device
Z= Rank of hFE,
XXX= Code
2020. 05. 15
1/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
SS8550


Similar Part No. - SS8550

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8550 WEITRON-SS8550 Datasheet
106Kb / 4P
Plastic-Encapsulate Transistors PNP Silicon
logo
Galaxy Semi-Conductor H...
SS8550 BILIN-SS8550 Datasheet
196Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8550 DAYA-SS8550 Datasheet
143Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
SS8550 SECOS-SS8550 Datasheet
335Kb / 2P
PNP Silicon General Purpose Transistor
More results

Similar Description - SS8550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com