Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS56SLS Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS56SLS
Description  SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS56SLS Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS56SLS Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS56SLS Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SS56SLS Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.01
0.1
10
1
100
200
0
25
50
75
100
125
150
20
0
40
60
80
100
1
10
100
0
20
40
60
80
100
120
150
0
2.0
3.0
4.0
5.0
1.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( ℃)
TJ=TJMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25℃
RESISTIVE OR INDUCTIVE LOAD
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=100℃
TJ=125℃
JINAN JINGHENG ELECTRONICS CO., LTD.
3-3
REVERSE VOLTAGE. VOLTS
0.1
1
10
100
100
4000
1000
130
RATINGS AND CHARACTERISTIC OF SS56SLS
HTTP://WWW.JINGHENG.CN
0.01
0.1
1
50
10
0
0.1
0.2
0.3
0.4
0.5
0.8
0.7
0.6
INSTANTANEOUS FORWARD VOLTAGE (V)
TJ=125℃
PULSE WIDTH=300 S
1% DUTY CYCLE
TJ=25℃
TJ=100℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com