Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS310LS Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS310LS
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS310LS Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS310LS Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS310LS Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SS310LS Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTCS(TA=25℃ Unless otherwise noted)
Parameter
Test Conditions
Symbol
TYP.
MAX.
Unit
Instaneous forward voltage
IF=3.0A
TA= 25℃
TA= 100℃
Reverse current
VR=100V
TA= 25℃
TA= 100℃
VF
IR
0. 62
0. 65
V
20
50
μA
mA
2
5
Typical junction capacitance
4V,1MHz
CJ
pF
1)
Notes: 1.Pulse test: 300 μs pulse width,1% duty cycle
2)
2.Pulse test: pulse width≤40ms
THERMAL CHARACTERISTCS
AVAILABALE PACK INFORMATION
JINAN JINGHENG ELECTRONICS CO., LTD.
TA= 125℃
TA= 125℃
0. 57
0. 59
-
10
20
240
3-2
RATINGS AND CHARACTERISTIC OF SS310LS
-
Parameter
Typical thermal resistance
R JA
R JL
℃/W
Symbol
Unit
3)
HTTP://WWW.JINGHENG.CN
Product code
Carton Size
L×W×H
(
mm)
Quantity
(
pcs/reel)
Reel Size
(
mm)
Quantity
(box/carton)
SS310LS-SMAF
T/R
Pack
Box Size
L×W×H
(
mm)
Quantity
(
reel/box)
180×73×180
3000
2
380×380×200
10
Φ
178
150
28
SMAF
3.P.C.B. mounted with 0.118" x 0.118" (3.0 mm x 3.0 mm) copper pad areas
(≥40μm thick)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com