Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS12L
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS12L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
20
10
5
2
1
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
160
1.2
1.0
0.8
0.6
0.4
0.2
0
LEAD TEMPERATURE. ( C)
o
-39-
RATINGS AND CHARACTERISTIC CURVES (SS12L THRU SS110L)
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
FIG.5- TYPICAL JUNCTION CAPACITANCE
TJ = 100
C
0
TJ=75C
0
TJ = 25
C
0
100
50
20
10
5
2
1
0.1
1.0
10
100
1000
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
FIG.4- TYPICAL REVERSE CHARACTERISTICS
10,000
1,000
100
10
1
0.1
0
20
40
60
80
100
120
140
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.2IN (5.0mm ) x 0.5mil
inches(0.013mm)
THICK COPPER PAD AREAS
22
8.3ms Single
Half Sine Wave
Tj=Tj max
SS13L-SS14L
SS12L
SS15L-SS110L



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com