Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL12 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSL12
Description  1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSL12 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSL12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSL12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 58 -
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.091(2.30)
.078(1.99)
SSL12 THRU SSL14
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
Voltage Range
20 to 40 Volts
Current
1.0 Ampere
Features
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SSL12
SSL13
SSL14
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 1.0A
VF
0.385
0.40
V
0.5
Maximum DC Reverse Current @ TA =25
℃ at
Rated DC Blocking Voltage
@ TA=100
℃
IR
50
mA
mA
Maximum Thermal Resistance (Note 2)
R
θJL
R
θJA
28
88
℃/W
Marking Code
SL12
SL13
SL14
Operating Temperature Range
TJ
-65 to +125
℃
Storage Temperature Range
TSTG
-65 to + 125
℃
Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle.
2. Measured on P.C. Board with 0.2 x 0.2”(5.0 x 5.0mm) Copper Pad Areas.


Similar Part No. - SSL12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
135Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12 Datasheet
201Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SSL12 LUGUANG-SSL12 Datasheet
202Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SSL12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12_1 Datasheet
135Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SKL13B TSC-SKL13B Datasheet
343Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SKL13B TSC-SKL13B_10 Datasheet
469Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12_10 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SSL12 LUGUANG-SSL12 Datasheet
202Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MSCD104L SECOS-MSCD104L Datasheet
209Kb / 2P
Voltage 40 V 1.0 Amp Low VF Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com