Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL24 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSL24
Description  2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSL24 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSL24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSL24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 60 -
.082(2.08)
.076(1.93)
.012(.31)
.006(.15)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.147(3.73)
.137(3.48)
.187(4.75)
.167(4.25)
.103(2.61)
.078(1.99)
.208(5.28)
.200(5.08)
SSL22 THRU SSL24
2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
Voltage Range
20 to 40 Volts
Current
2.0 Amperes
Features
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.093 gram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SSL22
SSL23
SSL24
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
80
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 2.0A
VF
0.385
0.40
V
1.0
Maximum DC Reverse Current @ TA =25
℃ at
Rated DC Blocking Voltage
@ TA=100
℃
IR
100
mA
mA
Maximum Thermal Resistance (Note 2)
R
θJL
R
θJA
25
70
℃/W
Marking Code
SL22
SL23
SL24
Operating Temperature Range
TJ
-65 to +125
℃
Storage Temperature Range
TSTG
-65 to + 125
℃
Notes:1. Pulse Test with PW=300 usec, 1% Duty Cycle.
2. Measured on P.C. Board with 0.4 x 0.4”(10 x 10mm) Copper Pad Areas.


Similar Part No. - SSL24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL24 TSC-SSL24 Datasheet
127Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL24 MIC-SSL24 Datasheet
59Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL24 TSC-SSL24 Datasheet
378Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL24 TSC-SSL24 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SSL24 LUGUANG-SSL24 Datasheet
191Kb / 2P
2.0 AMP. Surface Mount Low VF
More results

Similar Description - SSL24

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK225 JGD-SK225 Datasheet
142Kb / 2P
2.0 AMPS, SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L Datasheet
88Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A Datasheet
49Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL22A TSC-SKL22A Datasheet
61Kb / 3P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A_1 Datasheet
172Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22 TSC-SS22 Datasheet
63Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS22L TSC-SS22L_1 Datasheet
208Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_1 Datasheet
129Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com