Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS12N30CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS12N30CS
Description  DC-DC Converter Control and Synchronous AceFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS12N30CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS12N30CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS12N30CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS12N30CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS12N30CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensional Outline and Pad Layout
PRELIMINARY DATA SHEET
SILICON
1.00mm
MAX
0.27mm
3
6/19/03 Rev0
0.50mm
0.29mm
Bump Ø 0.37mm
3.08mm
Bumps are Lead Free solder
96.8 Sn / 2.6 Ag / 0.6 Cu
3.08mm
0.29mm
0.50mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com