Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1719082 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1719082
Description  Printed-circuit board connector - TVMSTB 2,5/10-ST-5,08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1719082 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1719082 Datasheet HTML 1Page - PHOENIX CONTACT 1719082 Datasheet HTML 2Page - PHOENIX CONTACT 1719082 Datasheet HTML 3Page - PHOENIX CONTACT 1719082 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1719082
11/03/2014   Page 1 / 4
Printed-circuit board connector - TVMSTB 2,5/10-ST-5,08 - 1719082
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 400 V, Number of positions: 10, Pitch: 5.08 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
The illustration shows the 10-position
version
Product Features
 Compact TWIN screw plug with conductor exits perpendicular to the plug-in direction
 2.3 mm Ø test connection
 Function of subsequent devices is retained when removing individual plugs in a device series
 User-friendly double conductor connection for potential/signal distribution directly on the device
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
32.94 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
45.72 mm
General
Range of articles
TVMSTB 2,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV


Similar Part No. - 1719082

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1719080000 WEIDMULLER-1719080000 Datasheet
742Kb / 22P
Cable glands
More results

Similar Description - 1719082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719008 PHOENIX-1719008 Datasheet
70Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 2-ST-5,08
1719011 PHOENIX-1719011 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 3-ST-5,08
1719147 PHOENIX-1719147 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 7-STF-5,08
1719150 PHOENIX-1719150 Datasheet
73Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 8-STF-5,08
1719176 PHOENIX-1719176 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/10-STF-5,08
1719066 PHOENIX-1719066 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 8-ST-5,08
1719079 PHOENIX-1719079 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 9-ST-5,08
1719095 PHOENIX-1719095 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 2-STF-5,08
1719105 PHOENIX-1719105 Datasheet
72Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 3-STF-5,08
1719121 PHOENIX-1719121 Datasheet
73Kb / 4P
Printed-circuit board connector - TVMSTB 2,5/ 5-STF-5,08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com