Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS494 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS494
Description  Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS494 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS494 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS494 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS494 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS494 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS494 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS494 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS494 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS494
2-7
2003/12 rev. A
Function Block Diagram
Absolute Maximum Rating
Rating
Symbol
Value
Unit
Power Supply Voltage
Vcc
40
V
Collector Output Voltage
Vc1, Vc2
40
V
Collector Output Current (each transistor)
Ic1, Ic2
250
mA
Amplifier Input Voltage Range
VIR
- 30 ~ +40
V
Power Dissipation @ Ta<=45
oC
Pd
1
W
Thermal Resistance, Junction to Ambient
RθJA
80
oC/W
Operating Junction Temperature
Tj
125
oC
Storage Temperature Range
Tstg
-55 ~ +125
oC
Operating Ambient Temperature Range
Ta
0 ~ +70
oC
Derating Ambient Temperature
Ta
45
oC
Recommended Operating Conditions
Rating
Symbol
Min.
Typ.
Max
Unit
Power Supply Voltage
Vcc
7
15
40
V
Collector Output Voltage
Vc1, Vc2
--
30
40
V
Collector Output Current (each transistor)
Ic1, Ic2
--
--
200
mA
Amplifier Input Voltage
Vin
- 0.3
--
Vcc-2.0
V
Current Into Feedback Terminal
Ifb
--
--
0.3
mA
Reference Output Current
Iref
--
--
10
mA
Timing Resistor
RT
1.8
30
500
KΩ
Timing Capacitor
CT
0.0047
0.001
10
uF
Oscillator Frequency
Fosc
1
40
200
KHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com