Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS494CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS494CS
Description  Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS494CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS494CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS494CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS494CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS494CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS494CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS494CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS494CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS494
4-7
2003/12 rev. A
Electrical Characteristics (continues)
PWM COMPARATOR SECTION
Parameter
Test Conditions*
Min
Typ
Max
Unit
Input threshold voltage (pin 3)
Zero duty cycle
--
4.0
4.5
V
Input sink current (pin 3)
V (pin 3)=0.7V
0.3
0.7
--
mA
TOTAL DEVICE
Vcc=15V
--
6.0
10
Standby supply current
pin 6 at Vref, all
other inputs and
outputs open
Vcc=40V
--
9.0
15
Average supply current
Vi (pin4)= 2V, See Figure 1
--
7.5
--
mA
SWITCHING CHARACTERISTICS
Output voltage rise time
--
100
200
Output voltage fall time
Common-emitter configuration,
See Figure 3
--
25
100
Output voltage rise time
--
100
200
Output voltage fall time
Emitter-follower configuration,
See Figure 4
--
40
100
ns
UNDERVOLTAGE LOCKOUT SECTION
Turn-on Threshold
Vcc increasing Iref = 1.0mA
5.5
6.43
7.0
V
Remark:
All typical value except for temperature coefficient are at Ta= 25
oC
For conditions shown as Min or Max, use the appropriate value specified under recommended operating
conditions.
All typical values except for parameter changes with temperature are at Ta= 25
oC
Duration of the short-circuit should not exceed one second
Standard deviation is a measure of the statistical distribution about the mean as derived from the formula
2
1
1
2
1
)
(
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
−
=
∑
=
N
n
n
N
x
x
σ
Temperature coefficient of timing capacitor and timing resistor not taken into account



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com