Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6331QDECTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6331QDECTQ1
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6331QDECTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP6331QDECTQ1 Datasheet HTML 6Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 7Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 8Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 9Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 10Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 11Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 12Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 13Page - Texas Instruments TMP6331QDECTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
TMP63-Q1
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.3 TMP63-Q1 R-T table
The TMP63-Q1 R-T table must be re-calculated for any change in the bias voltage, bias resistor, or bias current.
TI provides a Thermistor Design Tool to calculate the R-T table. The system designer must always validate the
calculations provided.
8.4 Feature Description
8.4.1 Linear Resistance Curve
The TMP63-Q1 has good linear behavior across the whole temperature range as shown in Figure 3. This range
allows a simpler resistance-to-temperature conversion method that reduces look-up table memory requirements.
The linearization circuitry or midpoint calibration associated with traditional NTCs is not necessary with the
device .
The linear resistance across the entire temperature range allows the device to maintain sensitivity at higher
operating temperatures.
8.4.2 Positive Temperature Coefficient (PTC)
The TMP63-Q1 has a positive temperature coefficient. As temperature increases the device resistance increases
leading to a reduction in power consumption of the bias circuit. In comparison, a negative coefficient system
increases power consumption with temperature as the resistance decreases.
The TMP63-Q1 benefits from the reduced power consumption of the bias circuit with less self-heating than a
typical NTC system.
8.5 Device Functional Modes
The device operates in only one mode when operated within the Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com