Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS823 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS823
Description  Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS823 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS823 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS823 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS823/824/825
2-6
2003/12 rev. A
Absolute Maximum Rating
Supply Voltage
Vdd
6.0
V
Supply Voltage - Recommended
Vdd
0.9 ~ 5
V
Operating Junction Temperature Range
TOP
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Caution: stress above the listed absolute rating may cause permanent damage to the device
Thermal Information
Thermal Resistance
Θjc
256
oC/W
Maximum Junction Temperature
Tj
150
V
Maximum Lead Temperature (300
oC)
TLEAD
10
S
Electrical Characteristics
Ta = 25
oC, unless otherwise specified.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input Supply Voltage
Vdd
1.0
--
5.5
V
Supply Current
WDI and MRB unconnected
Idd
--
3
10
uA
TS823/824/825CX5A
4.56
4.63
4.7
TS823/824/825CX5B
4.31
4.38
4.45
TS823/824/825CX5D
3.03
3.08
3.13
TS823/824/825CX5E
2.89
2.93
2.97
TS823/824/825CX5F
2.59
2.63
2.67
TS823/824/825CX5G
2.28
2.32
2.36
Reset Threshold
TS823/824/825CX5H
VTH
2.15
2.19
2.23
V
RESET Output Voltage Low
Vdd < VTH(MIN), ISINK =1.2mA,
VOL
--
--
0.5
V
(RESET) Output Voltage High
Vdd > VTH(MAX), ISOURCE=0.5mA
VOH
0.8 Vdd
--
--
V
Vdd to Reset Delay
Vdd = VTH - 100mV
TD1
--
40
--
uS
Reset Active Timeout Period
Ta = -40
oC ~ +85 oC
TD2
140
210
280
mS
Watchdog Timeout Period
TWD
1120
1760
2400
mS
WDI Pulse Width
TWDI
50
--
--
nS
WDIIL
--
--
0.7
V
WDI Input Threshold
Vdd = VTH x 1.2
WDIIH
0.8 Vdd
--
--
V
WDI = 0V
IIL
-15
-8
0.7
uA
WDI Input Current
WDI = Vdd = 5V
IIH
--
8
15
uA
MRIL
--
--
0.7
V
MR Input Threshold
Vdd = VTH x 1.2
MRIH
0.8 Vdd
--
--
V
MR Pulse Width
TWMR
1
--
--
uS
MR Noise Immunity
Pulse width with no reset
--
100
--
nS
MR to Reset Delay
Vdd = VTH - 100mV
TDMR
--
500
--
nS
MR Pull Up Resistance
80
--
120
KΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com