Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS809CXF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS809CXF
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS809CXF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS809CXF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS809CXF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS809CXF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS809CXF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS809CXF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS809CXF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS809/810/809R/810R
2-6
2004/09 rev. D
Absolute Maximum Rating
Terminal Voltage (with respect to Gnd)
VCC
- 0.3 ~ +6.0
V
RESET & (RESET) push-pull
VRESET
- 0.3 ~ (VCC +0.3)
V
Input Current, Vcc
ICC
20
mA
Output Current, RESET, (RESET)
IO
20
mA
Continuous Power Dissipation (Ta=+70
oC)
de-rate 4mW/
oC above +70 oC
PD
320
mW
Operating Junction Temperature Range
TOP
-40 ~ +105
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TLEAD
10
S
Electrical Characteristics (Ta = 25
oC, unless otherwise specified.)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input Supply Voltage
Ta = 0
oC ~ +70 oC
VCC
1.0
--
5.5
V
VCC ≤ 5.5V
--
19
60
Supply Current
VCC ≤ 3.6V
ICC
-
17
50
uA
TS809/910/809R/810RCXA
4.56
4.63
4.7
TS809/910/809R/810RCXB
4.31
4.38
4.45
TS809/910/809R/810RCXC
3.94
4.00
4.06
TS809/910/809R/810RCXD
3.03
3.08
3.13
TS809/910/809R/810RCXE
2.89
2.93
2.97
Reset Threshold
TS809/910/809R/810RCXF
VTH
2.59
2.63
2.67
V
Reset Threshold
Temperature Coefficient
VTH
--
30
--
ppm/
oC
Vcc Rising Time to Function
Ta = -20
oC ~ +105 oC
25
--
--
uS/V
VCC to Reset Delay
VCC = VTH to (VTH - 100mV)
20
100
uS
Reset Active Timeout Period
Ta = 0
oC ~ +70 oC
TDELAY
100
240
600
mS
VCC = VTH(MIN), ISINK =1.2mA,
TS809 & TS809R
--
--
0.3
VCC = VTH(MIN), ISINK =3.2mA,
--
--
0.4
RESET Output Voltage Low
VCC > 1.0V, ISINK =50uA
VOL
--
--
0.3
V
VCC > VTH(MAX), ISOURCE =500uA,
TS809 & TS809R
0.8 VCC
--
--
RESET Output Voltage High
VCC > VTH(MAX), ISOURCE =800uA,
VOH
VCC –1.5
--
--
V
VCC = VTH(MAX), ISINK =1.2mA,
TS810 & TS810R
--
--
0.3
RESET Output Voltage Low
VCC = VTH(MAX), ISINK =3.2mA,
VOL
--
--
0.4
V
RESET Output Voltage High
1.8V < VCC < VTH(MIN),
ISOURCE =150uA,
TS810 & TS810R
VOH
0.8 VCC
--
--
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com