Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61508FP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
LOUDNESS
FILTER
(Gv=0dB)
2 LOUDNESS GAIN SETTING
Lower Figure is Structure of Loudness Circuit.
10
VOLUME 1
LOUDNESS VOLUME
R
R
R
R
VOUT
VIN
V1
V2
Output Volutage (VOUT) of Setting Structure of Upper Figure
It is noted as Volume1Output Volutage = V1, Loudness Filter Output Voltage = V2,
VOUT and Gv (Boost quantity) is given at the lower formula
Gv = 20 log
ex.) VIN = 1Vrms/60Hz,Volume1= - 30dB,
Output Volutage and Boost Quantity of 60Hz of Loudness Volume = -20dB setting
From : Volume1,Loudness Volume attenuation quantity
Become : V1 = 31.6mVrms
V2 = 100mVrms
If the subsitudes the equation for the upper formula,
the following equation is given :
(V1 + V2)
VIN
- (Volume 1 attenuation quantity) (dB)
VOUT = V1 + V2 (Vrms)
VOUT = 31.6m + 100m
In the item,the Loudness Gain Setting example is shown, when Volume1 fixation and
doing the Loudness Volume variably. Please refer to Plan.
Gv = 20 log
(31.6m + 100m)
1
- (-30dB)
= 12.4dB is obtained.
=131.6mVrms
Frequency (Hz)
Gv
Volume 1= -30dB
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com