Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2411CD Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2411CD
Description  Tong Ringer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2411CD Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2411CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2411CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2411CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2411CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2411CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2411CD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2411
1-6
2004/09 rev. B
TS2411
Tong Ringer
Operating Voltage 13 to 36V
Ringing Start Voltage 36V (max.)
General Description
The TS2411 is a bipolar integrated circuit designed for telephone bell replacement.
Features
Designed for Telephone Bell Replacement
Low Current Drain
Adjustable 2-frequency Tone
Adjustable Warbling Rate
Extension Tone Ringer Modules
Alarms or Other Alerting Devices
Adjustable for Reduced Supply Initiation Current.
Built-in hysteresis prevents false triggering and rotary
dial ‘Chirps’
Ordering Information
Part No.
Operating Temp.
Package
TS2411CD
DIP-8
TS2411CS
-20 ~ +70
oC
SOP-8
Block Diagram
Pin assignment:
1. Vcc 5. Gnd
2. Rsl 6. Hfo
3. Lfi
7. Hfi
4. Lfo 8. Out


Similar Part No. - TS2411CD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2411CDC3 TSC-TS2411CDC3 Datasheet
420Kb / 7P
Tong Ringer
More results

Similar Description - TS2411CD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
Tone Ringer
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
Tone Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
TONE RINGER
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
TONE RINGER
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
Tone Ringer
logo
KODENSHI_AUK CORP.
KK2410 KODENSHI-KK2410 Datasheet
346Kb / 7P
Tone Ringer
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002_07 Datasheet
353Kb / 8P
Tong Ringer
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
Tong Ringer
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com