Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC5635 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC5635
Description  High-FrequencyAmplifier Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5635 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC5635 Datasheet HTML 1Page - First Silicon Co., Ltd FTC5635 Datasheet HTML 2Page - First Silicon Co., Ltd FTC5635 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2011. 09. 03
2/3
FTC5635
Revision No : 0
TYPICAL CHARACTERISTICS (TA = 25 C)
DC FORWARD CURRENTGAIN
VS. COLLECTOR CURRENT
COLLECTOR CURRENT IC(mA)
GAIN BANDWIDTH PRODUCT
VS. COLLECTOR CURRENT
COLLECTOR CURRENT IC(mA)
POWER GAIN VS. COLLECTOR CURRENT
COLLECTOR CURRENT
IC(mA)
COLLECTOR CURRENT
IC(mA)
POWER GAIN VS. COLLECTOR CURRENT
TA 25°
V
V
T
5°
A
=
z
f
G
1.0
1.0
1.0
0.1
10.0
10.0
10.0
0
0
0
100.0
100.0
100.0
1000.0
10.0
0
8
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com