Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD112 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD112
Description  TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD112 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD112 Datasheet HTML 1Page - First Silicon Co., Ltd MJD112 Datasheet HTML 2Page - First Silicon Co., Ltd MJD112 Datasheet HTML 3Page - First Silicon Co., Ltd MJD112 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
01
2
345
6
0
1000
2000
3000
4000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
0
100
200
300
400
500
600
700
800
20
40
60
80
0
0
0
1
0
0
1
0
0
0
1
0
0
1
0
1
1
1
10
100
1000
10000
0
1
1
1
.
0
10
100
0
0
0
1
0
0
1
0.0
0.5
1.0
1.5
2.0
10
100
1000
COMMON EMITTER
T
a
=25℃
1mA
0.9mA
0 8mA
0.7mA
0 6mA
0.5mA
0.4mA
0.3mA
I
B
=0 2mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
COMMON EMITTER
V
CE
= 10V
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
f
T
——
4000
β=100
T
a
=25℃
T
a
=100 ℃
I
C
V
CEsat
——
2000
I
C
I
C
COMMON EMITTER
V
CE
= 3V
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
f=1MHz
I
E
=0/I
C
=0
T
a
=25 ℃
V
CB/VEB
C
ob/Cib
——
REVERSE VOLTAGE
V
(V)
C
ib
C
ob
300
30
COLLECTOR CURRENT
I
C
(mA)
10
1
0.1
0.01
20
30
2000
10
1
0.1
Typical Characteristics
h
FE
——
β=250
I
C
V
CEsat
——
T
a
=100 ℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
℃
COMMON EMITTER
V
CE
=3V
BASE-EMMITER VOLTAGE V
BE
(V)
2000
I
C
—— V
BE
P
C
—— T
a
MJD112
2018. 02. 08
2/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com