Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

345 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # 345
Description  MINIATURE, IN-LINE, SMA CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

345 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  345 Datasheet HTML 1Page - Filtronic Compound Semiconductors 345 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
ROTARY JOINTS
SPECIFICATION
MINIATURE, IN-LINE, SMA CONNECTORS
Sage Laboratories, Inc.
l 11 Huron Drive l Natick, MA 01760-1338 l Tel: 508-653-0844 l Fax:508.653.5671
www.sagelabs.com
345 SERIES
SPECIFICATIONS
Frequency
Range
f (GHz)
VSWR
Max @
f(GHz)
Insertion
Loss,
max
(dB)
Peak
Power
(W)
Average
Power
Watts @
f (GHz)
Starting
Torque
Max
(oz-in)
Continuous
Rotational
Speed
(rpm)
Nominal
Weight
(ounces)
Model
Number
DC – 18
DC-10 1.20:1
0.2
500
100 @ 1
1.5
100
1.2
345
10-18
1.35:1
0.5
500
100 @ 1
3.0
100
1.2
345W
0.5
500
100 @ 1
3.0
100
0.9
345C
NOTES:
1.
WOW (max VSWR/min VSWR) is 1.02 max per 360
o.
2.
Refer to Power Derating Curves for other frequencies. 500 W Peak
3.
Max DC Current is 5 Amps.
FEATURES
• Coaxial Inline with SMA Connectors
• Excellent Insertion Loss
• Designed for MIL-E-5400 Class II
• Small Size and Lightweight
• Weatherized Versions (345W & 345C)
OUTLINE DRAWINGS
MODELS 345 and 345W


Similar Part No. - 345

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
345 INTEL-345 Datasheet
1Mb / 82P
Celeron D Processor
logo
Magnetrol International...
345 MAGNETROL-345 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
List of Unclassifed Man...
345 ETC2-345 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
API Technologies Corp
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
logo
Littelfuse
345 LITTELFUSE-345 Datasheet
779Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
More results

Similar Description - 345

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
345W APITECH-345W Datasheet
708Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345F APITECH-345F Datasheet
707Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345C APITECH-345C Datasheet
707Kb / 2P
ROTARY JO INTS MINIATURE, IN-LINE, SMA CONNECTORS
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
344 APITECH-344 Datasheet
183Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
logo
Littelfuse
HE700 LITTELFUSE-HE700 Datasheet
590Kb / 3P
Miniature dual in-line package
HE3300 LITTELFUSE-HE3300 Datasheet
436Kb / 3P
Miniature single in-line package
HE3600 LITTELFUSE-HE3600 Datasheet
402Kb / 3P
Miniature single in-line package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com