Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2576CM5 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2576CM5
Description  3A Step Down Switching Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576CM5 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2576CM5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576CM5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576CM5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576CM5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576CM5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576CM5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576CM5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS2576
3-7
2003/12 rev. A
All Output Voltage Version (Vin=12V for 5V, 3.3V and Adjustable version, Vin=25V for 12V version, IL = 500mA)
Oscillator Frequency (Note 2)
47
52
58
kHz
Quiescent Current (Note 3)
--
5
10
mA
Standby Current
ENABLE =5V
--
70
200
uA
Saturation Voltage (Note 4)
ILOAD=3A
--
1.4
1.8
V
Feedback Bias Current
VOUT=5V (Adj. Version only)
--
50
100
nA
Duty Cycle (Note 5)
Operating (ON)
93
98
--
%
Current Limit (Note 2)(Note 4)
4.2
7.0
8.8
A
VOUT=0V
--
0.3
2
Output Leakage Current (Note 3)
VOUT=-1V
--
7.5
30
mA
VIH (VOUT=0V)
2.2
1.4
--
ENABLE Threshold Voltage
VIL(VOUT=Normal Output Voltage)
--
1.2
1.0
V
IIH (ENABLE =5V)
--
12
30
ENABLE Input Current
IIH (ENABLE =0V)
--
0
10
uA
Note 1: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator
system performance. Refer to Application information for details.
Note 2: The oscillator frequency reduces to approximately 11KHz in the event of fault conditions, such as output short or
overload. And the regulated output voltage will drop approximately 40% from the nominal output voltage. This
self-protection feature lowers the average power dissipation by lowering the minimum duty cycle from 5% down to
approximately 2%.
Note 3: For these parameters, FB is removed from VOUT and connected to +12V to force the output transistor OFF.
Note 4: VOUT pin sourcing current. No diode, inductor or capacitor connected to VOUT.
Note 5: FB is removed from VOUT and connected to 0V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com