Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD24BS3 Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPESD24BS3
Description  2 -L ine Bi -directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD24BS3 Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPESD24BS3 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD24BS3 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD24BS3 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD24BS3 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPESD24BS3
Features
Mechanical Characteristics
Applications
Ordering Information
Part Number
Qty per Reel
Reel Size
7”
TPESD24BS3
WWW.TPsemi.COM
3000
1
Dimensions and Pin Configuration
 Package: SOT-23
 Lead Finish: Matte Tin
 Case Material: “Green” Molding Compound.
 UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 3 per J
-
STD
-
020
 Cellular Handsets and Accessories
 Notebooks and Handhelds
 Portable Instrumentation
 Set Top Box
 Industrial Controls
250W peak pulse power(8/20µs)
 Protects two bi-directional lines
 Ultra low leakage:nA level
 Operating voltage:
 Low clamping voltage
 Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
 RoHS Compliant
24V
2-Line Bi
Circuit and Pin Schematic
Bi -directional TVS Diode
2 -L ine
1
www.sot23.com.tw


Similar Part No. - TPESD24BS3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD24VS5UD TECHPUBLIC-TPESD24VS5UD Datasheet
1Mb / 4P
Uni-directional 5-Line TVS Array
More results

Similar Description - TPESD24BS3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD5V0L2BT TECHPUBLIC-PESD5V0L2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
NUP2105LT1G TECHPUBLIC-NUP2105LT1G Datasheet
2Mb / 4P
2-Line bi -directional TVS Diode
PESD15VL2BT TECHPUBLIC-PESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
SMC05 TECHPUBLIC-SMC05 Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
PESD5V0U2BT TECHPUBLIC-PESD5V0U2BT Datasheet
942Kb / 4P
2-Line BI-directional TVS Diode
SM03C TECHPUBLIC-SM03C Datasheet
970Kb / 4P
2-Line Bi-directional TVS Diode
SM05C TECHPUBLIC-SM05C Datasheet
975Kb / 4P
2-Line Bi-directional TVS Diode
SM15C TECHPUBLIC-SM15C Datasheet
971Kb / 4P
2-Line Bi-directional TVS Diode
TPNUP2105LT1G TECHPUBLIC-TPNUP2105LT1G Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
logo
Guangdong Youtai Semico...
PSOT05C-LF-T7 UMW-PSOT05C-LF-T7 Datasheet
988Kb / 4P
2 -L ine Uni-directional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com