Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD0201G08V Datasheet(PDF) 3 Page - TECH PUBLIC Electronics co LTD

Part # TPESD0201G08V
Description  Surface Mount Polymeric ESD Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD0201G08V Datasheet(HTML) 3 Page - TECH PUBLIC Electronics co LTD

  TPESD0201G08V Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD0201G08V Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD0201G08V Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD0201G08V Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPESD0201G08V Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPESD0201G08V Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
12
V
V
10
0.05
pF
Continuous Operating Voltage
Trigger Voltage
Clamping Voltage
Leakage Current
Capacitance
VDC
VT
VC
IL
CJ
450
V
40
IEC61000-4-2 8kV contact
discharge
IEC61000-4-2 8kV contact
discharge
DC12V shall be applied
on component
Measured at 10MHz
nA
TPESD0201G12V
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
15
V
V
10
0.05
pF
Continuous Operating Voltage
Trigger Voltage
Clamping Voltage
Leakage Current
Capacitance
VDC
VT
VC
IL
CJ
450
V
40
IEC61000-4-2 8kV contact
discharge
IEC61000-4-2 8kV contact
discharge
DC 15 V shall be applied
on component
Measured at 10MHz
nA
TPESD0201G15V
DC12V shall be applied
3
TPESD0201G Seires
WWW.SOT23.COM.TW
Surface Mount Polymeric ESD Suppressor
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
8
V
V
10
0.05
pF
Continuous Operating Voltage
Trigger Voltage
Clamping Voltage
Leakage Current
Capacitance
VDC
VT
VC
IL
CJ
450
V
40
IEC61000-4-2 8kV contact
discharge
IEC61000-4-2 8kV contact
discharge
DC 8V shall be applied
on component
Measured at 10MHz
nA
TPESD0201G08V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com