Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRCLAMP0504F Datasheet(PDF) 4 Page - TECH PUBLIC Electronics co LTD

Part # TPRCLAMP0504F
Description  Low Capactiance 4-Line TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPRCLAMP0504F Datasheet(HTML) 4 Page - TECH PUBLIC Electronics co LTD

  TPRCLAMP0504F Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPRCLAMP0504F Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPRCLAMP0504F Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPRCLAMP0504F Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Low Capactiance 4-Line TVS Array
WWW.SOT23.COM.TW
Low Capactiance 4-Line TVS Array
TPRCLAMP0504F
Outline Drawing - SOT363
DIM
bbb
ccc
e
L1
aaa
01
N
e1
L
c
E1
E
D
A2
A1
b
A
MILLIMETERS
NOM
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
H
0.15
A
e1
E1
E
D
E/2
e
B
ccc C
2X N/2 TIPS
D
SEATING
aaa C
PLANE
C
A1
A2
A
.083 BSC
.026 BSC
DETAIL
6
SEE DETAIL
A
.004
12
N
.045
.079
.049
.087
.006
-
6
0.10
1.25
2.20
2.10 BSC
0.65 BSC
.053
1.15
2.00
.012
0.15
1.35
0.30
-
PLANE
GAGE
1.80
.071
0°
.012
-
.004
.010
.003
(.017)
.014
-
.028
.000
-
-
-
.035
0.10
0.30
8°
0°
-
8°
0.90
(0.42)
0.36
.018
.009
0.26
0.08
.043
.039
.004
0.00
0.70
-
0.22
0.46
-
0.10
1.10
1.00
-
-
1.30 BSC
.051
A
SIDE VIEW
bxN
bbb
C A-B D
L
(L1)
01
c
Z
X
.033
.039
(.073)
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
.016
.026
.106
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
(1.85)
0.40
0.85
2.70
1.00
0.65
C
P
G
Y
Land Pattern -SOT363



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com