Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4005 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # 4005
Description  POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

4005 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  4005 Datasheet HTML 1Page - Filtronic Compound Semiconductors 4005 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
FIVE-WAY, 2 TO 8 GHZ
Sage Laboratories, Inc.
11 Huron Drive
Natick, MA 01760-1338
Tel: 508-653-0844
Fax: 508.653.5671
www.sagelabs.com
Model
A”
B”
C”
D”
E”
F”
G”
H”
I”
J”
4135
3.20
.38
1.00
0.50
1.50
2.00
2.50
3.00
.50
.20
4145
2.25
.38
1.00
0.50
1.50
2.00
2.50
3.00
.50
.20
Model
A (cm)
B (cm)
C (cm)
D (cm)
E (cm)
F (cm)
G (cm)
H (cm)
I (cm)
J (cm)
4135
(8,13)
(0,97)
(2,54)
(1,27)
(3,81)
(5,08)
(6,35)
(7,62)
(1,27)
(0,51)
4145
(5,72)
(0,97)
(2,54)
(1,27)
(3,81)
(5,08)
(6,35)
(7,62)
(1,27)
(0,51)
MISCELLANEOUS:
1.
Sage Laboratories Inc. “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 081803



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com