Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPUSBLC6-4SC6 Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPUSBLC6-4SC6
Description  Low Capactiance 4-Line TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPUSBLC6-4SC6 Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPUSBLC6-4SC6 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPUSBLC6-4SC6 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPUSBLC6-4SC6 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPUSBLC6-4SC6 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPUSBLC6-4SC6
Features
Mechanical Characteristics
Applications
Ordering Information
Part Number
Qty per Reel
Reel Size
7”
TPUSBLC6-4SC6
3000
1
 Package: SOT23-6
 Lead Finish: Matte Tin
 Case Material: “Green” Molding Compound.
 UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 3 per J-STD-020
1
 Ultra low capacitance: 0.35 pF typical (I/O to I/O)
 Ultra low leakage: nA level
 Low operating voltage: 5V
 Low clamping voltage
 Up to 4 data lines and one power line protects
 Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±25kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
 ROHS Compliant
 USB 2.0 and USB 3.0 Ports
 USB OTG
 Digital video interface(DVI)
 Monitor and Flat Panel Displays
 PCI Express and Serial SATA Ports
 Gigabit Ethernet
 IEEE 1394 firewire ports
 Consumer products (STB, DVD, DSC, DVC…)
Low Capactiance 4-Line TVS Array
WWW.SOT23.COM.TW
Dimensions and Pin Configuration
Circuit and Pin Schematic


Similar Part No. - TPUSBLC6-4SC6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPUSBM12VX4-TL TECHPUBLIC-TPUSBM12VX4-TL Datasheet
1Mb / 5P
Low Capacitance TVS Array
TPUSBM30VX4-TL TECHPUBLIC-TPUSBM30VX4-TL Datasheet
1Mb / 5P
Low Capacitance TVS Array
More results

Similar Description - TPUSBLC6-4SC6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SRV05-4 TECHPUBLIC-SRV05-4 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPAZC199-04S TECHPUBLIC-TPAZC199-04S Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPCM1293A-04SO TECHPUBLIC-TPCM1293A-04SO Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPIP4220CZ6 TECHPUBLIC-TPIP4220CZ6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPNUP4114HMR6T1G TECHPUBLIC-TPNUP4114HMR6T1G Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPRCLAMP0504F TECHPUBLIC-TPRCLAMP0504F Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPSRV05-4HTG TECHPUBLIC-TPSRV05-4HTG Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
logo
First Silicon Co., Ltd
FESD0514C6 FS-FESD0514C6 Datasheet
872Kb / 4P
Low Capactiance 4-Line TVS Array
2022. 07. 13 Revision No : 0
logo
TECH PUBLIC Electronics...
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
logo
Guangdong Youtai Semico...
IP4220CZ6 UMW-IP4220CZ6 Datasheet
725Kb / 4P
Low Capactiance 4-Line TVS Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com