Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6708 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # 6708
Description  PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

6708 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  6708 Datasheet HTML 1Page - Filtronic Compound Semiconductors 6708 Datasheet HTML 2Page - Filtronic Compound Semiconductors 6708 Datasheet HTML 3Page - Filtronic Compound Semiconductors 6708 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 2, 4 AND 8 GHZ, COAXIAL
MODELS 6808
Sage Laboratories, Inc.
11 Huron Drive
Natick, MA 01760-1338
Tel: 508-653-0844
Fax: 508.653.5671
www.sagelabs.com
ORDERING INFORMATION
DRIVE SHAFT AND CONNECTOR OPTIONS:
1.
Only the following standard control options are available. The base model is available without additional options.
2.
Add suffix as designated below to the ordering model number.
MODEL # PLUS
DESCRIPTION
-1
Shaft Lock
-2
Turns Counter With Built In Shaft Lock
-4
Screw Driver Slot
-5
Control Knob
-14
Shaft Lock With Screw Driver Slot
-15
Shaft Lock With Control Knob
(-1) SHAFT LOCK
(-2) TURNS COUNTER W/ SHAFT LOCK
(-5) CONTROL KNOB
D= 0.5” L=0.65
MICSELLANIOUS:
1.
Sage Laboratories Inc. “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 081804



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com