Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF857 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF857
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF857 Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF857 Datasheet HTML 1Page - Texas Instruments CDCVF857 Datasheet HTML 2Page - Texas Instruments CDCVF857 Datasheet HTML 3Page - Texas Instruments CDCVF857 Datasheet HTML 4Page - Texas Instruments CDCVF857 Datasheet HTML 5Page - Texas Instruments CDCVF857 Datasheet HTML 6Page - Texas Instruments CDCVF857 Datasheet HTML 7Page - Texas Instruments CDCVF857 Datasheet HTML 8Page - Texas Instruments CDCVF857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CDCVF857
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS047D − MARCH 2003 − REVISED JUNE 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
(Select Functions)
INPUTS
OUTPUTS
PLL
AVDD
PWRDWN
CLK
CLK
Y[0:9]
Y[0:9]
FBOUT
FBOUT
GND
H
L
H
L
H
L
H
Bypassed/Off
GND
H
H
L
H
L
H
L
Bypassed/Off
X
L
L
H
Z
Z
Z
Z
Off
X
L
H
L
Z
Z
Z
Z
Off
2.5 V (nom)
H
L
H
L
H
L
H
On
2.5 V (nom)
H
H
L
H
L
H
L
On
2.5 V (nom)
X
<20 MHz
<20 MHz
Z
Z
Z
Z
Off
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
Y0
Y0
VDDQ
Y1
Y1
GND
GND
Y2
Y2
VDDQ
VDDQ
CLK
CLK
VDDQ
AVDD
AGND
GND
Y3
Y3
VDDQ
Y4
Y4
GND
GND
Y5
Y5
VDDQ
Y6
Y6
GND
GND
Y7
Y7
VDDQ
PWRDWN
FBIN
FBIN
VDDQ
FBOUT
FBOUT
GND
Y8
Y8
VDDQ
Y9
Y9
GND
DGG PACKAGE (TSSOP)
(TOP VIEW)
RHA/RTB PACKAGE (MLF)
(TOP VIEW)
37 36 35 34 33
11 12
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
Y7
Y7
VDDQ
PWRDWN
FBIN
FBIN
VDDQ
VDDQ
FBOUT
FBOUT
GND
Y2
Y2
VDDQ
CLK
CLK
VDDQ
AVDD
AGND
GND
38
32
13 14 15 16 17 18
31
40 39
19 20
GND
48-pin TSSOP (MO-153-ED)
40-pin HP-VFQFP-N (6,0 x 6,0-mm Body Size,
0,5-mm Pitch, M0#220, Variation VJJD-2,
E2 = D2 = 2,9 mm
± 0,15 mm) Package Pinouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com