Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX56 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX56
Description  SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX56 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX56 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – FEBRUARY 1996
7
PARTMARKING DETAILS:-
BCX54 – BA
BCX54-10 – BC
BCX54-16 – BD
BCX55 – BE
BCX55-10 – BG
BCX55-16 – BM
BCX56 – BH
BCX56-10 – BK
BCX56-16 – BL
COMPLEMENTARY TYPES:-
BCX54 – BCX51
BCX55 – BCX52
BCX56 – BCX53
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BCX54
BCX55
BCX56
UNIT
Collector-Base Voltage
V
CBO
45
60
100
V
Collector-Emitter Voltage
V
CEO
45
60
80
V
Emitter-Base Voltage
V
EBO
5V
Peak Pulse Current
I
CM
2A
Continuous Collector Current
I
C
1A
Power Dissipation at T
amb=25°C
P
tot
1W
Operating and Storage Temperature Range
T
j:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT CONDITIONS.
Collector-Base Breakdown
Voltage
BCX54
BCX55
BCX56
V
(BR)CBO
45
60
100
V
IC =100µA
Collector-Emitter
Breakdown Voltage
BCX54
BCX55
BCX56
V
(BR)CEO
45
60
80
VIC =10mA*
Emitter-Base Breakdown Voltage
V
(BR)EBO
5V
I
E =10µA
Collector Cut-Off Current
I
CBO
0.1
20
µA
µA
V
CB =30V
V
CB =30V, Tamb =150°C
Emitter Cut-Off Current
I
EBO
20
nA
V
EB =4V
Collector-Emitter Saturation Voltage V
CE(sat)
0.5
V
I
C =500mA, IB =50mA*
Base-Emitter Turn-On Voltage
V
BE(on)
1.0
V
I
C =500mA, VCE =2V*
Static Forward Current Transfer
Ratio
h
FE
–10
–16
25
40
25
63
100
250
160
250
I
C =5mA, VCE =2V*
I
C =150mA, VCE =2V*
I
C =500mA, VCE =2V*
I
C =150mA, VCE =2V*
I
C =150mA, VCE =2V*
Transition Frequency
f
T
150
MHz I
C =50mA, VCE =10V,
f=100MHz
Output Capacitance
C
obo
15
pF
V
CB =10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
BCX54
BCX55
BCX56
C
C
B
E
3 - 35


Similar Part No. - BCX56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Siemens Semiconductor G...
BCX56 SIEMENS-BCX56 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Central Semiconductor C...
BCX56 CENTRAL-BCX56 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX56 INFINEON-BCX56 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Guangdong Kexin Industr...
BCX56 KEXIN-BCX56 Datasheet
53Kb / 2P
NPN Medium Power Transistors
More results

Similar Description - BCX56

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR40 ZETEX-BSR40 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 5
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
BSR40 DIODES-BSR40 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
BSR41 DIODES-BSR41 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com